PART |
Description |
Maker |
H11N1 H11N1-M H11N1SR2VM H11N2 H11N2-M H11N3SM H11 |
6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS 6-Pin DIP Low Input Current Schmitt Trigger Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|
1504 1504SERIES 1504-600F 1504-80B 1504-80C 1504-7 |
FIXED DIP DELAY LINE TD/TR = 5 Delay 20 /-1.0 ns, Fixed dip delay line Td/Tr=5 Delay 60 /-3 ns, Fixed dip delay line Td/Tr=5 Delay 800 /-40 ns, Fixed dip delay line Td/Tr=5 Delay 40 /-2 ns, Fixed dip delay line Td/Tr=5 Delay 400 /-20 ns, Fixed dip delay line Td/Tr=5 Delay 750 /-37.5 ns, Fixed dip delay line Td/Tr=5 Delay 225 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 140 /-7 ns, Fixed dip delay line Td/Tr=5 Delay 100 /-5 ns, Fixed dip delay line Td/Tr=5 Delay 220 /-11 ns, Fixed dip delay line Td/Tr=5 Delay 380 /-19 ns, Fixed dip delay line Td/Tr=5 Delay 480 /-24 ns, Fixed dip delay line Td/Tr=5 Delay 120 /-6 ns, Fixed dip delay line Td/Tr=5 Delay 150 /-7.5 ns, Fixed dip delay line Td/Tr=5 Delay 450 /-22.5 ns, Fixed dip delay line Td/Tr=5 Delay 75 /-3.8 ns, Fixed dip delay line Td/Tr=5 Delay 360 /-18 ns, Fixed dip delay line Td/Tr=5 Delay 25 /-1.3 ns, Fixed dip delay line Td/Tr=5 Delay 250 /-12.5 ns, Fixed dip delay line Td/Tr=5 Fixed passive DIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, DIP16 Delay 160 /-8 ns, Fixed dip delay line Td/Tr=5 Delay 375 /-18.8 ns, Fixed dip delay line Td/Tr=5 Delay 50 /-2.5 ns, Fixed dip delay line Td/Tr=5 Delay 320 /-16 ns, Fixed dip delay line Td/Tr=5 Delay 90 /-4.5 ns, Fixed dip delay line Td/Tr=5 Delay 45 /-2.3 ns, Fixed dip delay line Td/Tr=5 Delay 1000 /-50 ns, Fixed dip delay line Td/Tr=5 Delay 10 /-1 ns, Fixed dip delay line Td/Tr=5 Delay 125 /-6.3 ns, Fixed dip delay line Td/Tr=5 Delay 30 /-1.5 ns, Fixed dip delay line Td/Tr=5 Delay 180 /-9 ns, Fixed dip delay line Td/Tr=5 Delay 500 /-25 ns, Fixed dip delay line Td/Tr=5 Delay 300 /-15 ns, Fixed dip delay line Td/Tr=5 Delay 200 /-10 ns, Fixed dip delay line Td/Tr=5 Delay 240 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 80 /-4 ns, Fixed dip delay line Td/Tr=5 Delay 600 /-30 ns, Fixed dip delay line Td/Tr=5
|
Data Delay Devices, Inc... DATA DELAY DEVICES INC
|
AK28D300-SSOP.8MM AK32D600-QFP7X7 AK32D300-QFP7X7 |
28 Pin to 32 Pin DIP Adapters 28引脚2引脚DIP适配 28 Pin to 32 Pin DIP Adapters 28引脚32引脚DIP适配
|
Accutek Microcircuit, Corp. Electronic Theatre Controls, Inc.
|
MOC3010M MOC3011M MOC3012M MOC3020M MOC3021M MOC30 |
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor (MOC3010M - MOC3023M) 6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 6-Pin DIP 400V Random Phase Triac Driver Output Optocoupler 6-Pin DIP 250V Random Phase Triac Driver Output Optocoupler
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PS7112-1A PS7112L PS7112L-1A PS7112L-1A-E3 PS7112L |
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP00毫安的连续负载电1通道光学耦合场效应晶体管 Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Solid State Relay(固态继电器) 6-PIN DIP / 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
1445QQPL 1446QQPL |
Bulk Metal Foil Technology, 1445Q-14 Pin and 1446Q-16 Pin DIP Packages
|
Vishay
|
1109477-P 1109477 |
64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
|
Aries Electronics, Inc.
|
PA28-28-DP |
28 pin DIP ZIF socket/28 pin PLCC plug
|
List of Unclassifed Man...
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
PA40-44-01-DP |
40 pin DIP socket/44 pin PLCC plug
|
List of Unclassifed Man...
|
AD7896AR AD7896SQ AD7896JR AD7896BN AD7896AN AD789 |
2.7 V to 5.5 V/ 12-Bit/ 8 us ADC in 8-Pin SO/DIP 2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP 14-Bit 50 kSPS ADC Ser. Out, 1.8V Operation 8-MSOP
|
Analog Devices, Inc.
|
|